Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP45N02L Datasheet (PDF) - Intersil Corporation

RFP45N02L Datasheet PDF - Intersil Corporation
Part # RFP45N02L
Download  RFP45N02L Download
File Size   78.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs

RFP45N02L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP45N02L Datasheet PDF - Intersil Corporation

Part # RFP45N02L
Download  RFP45N02L Click to download

File Size   78.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs

RFP45N02L Datasheet (HTML) - Intersil Corporation


RFP45N02L Product details

Description
The RFP45N02L, RF1S45N02L, and RF1S45N02LSM are N-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers and relay drivers. These transistors can be operated directly from integrated circuits

Features
• 45A, 20V
• rDS(ON) = 0.022Ω
• Temperature Compensating PSPICE Model
• Can be Driven Directly from CMOS, NMOS, and TTL Circuits
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175°C Operating Temperature




Similar Part No. - RFP45N02L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP45N02L ISC-RFP45N02L Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFP45N02L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
2000 04
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
2000 04
RFD16N02L INTERSIL-RFD16N02L Datasheet
74Kb / 8P
16A, 20V, 0.022 Ohm, N-Channel, Logic Level, Power MOSFET
May 1997
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
RFP45N06LE INTERSIL-RFP45N06LE Datasheet
427Kb / 8P
45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com