Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUF76013P3 Datasheet (PDF) - Intersil Corporation

HUF76013P3 Datasheet PDF - Intersil Corporation
Part # HUF76013P3
Download  HUF76013P3 Download
File Size   245.28 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs

HUF76013P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF76013P3 Datasheet PDF - Intersil Corporation

Part # HUF76013P3
Download  HUF76013P3 Click to download

File Size   245.28 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs

HUF76013P3 Datasheet (HTML) - Intersil Corporation


HUF76013P3 Product details

The HUF76013 is an application-specific MOSFET optimized for switching when used as the upper switch in synchronous buck applications. The low gate charge and low input capacitance results in lower driver and lower switching losses thereby increasing the overall system efficiency.

Features
• 20A, 20V
   - rDS(ON) = 0.022Ω, VGS = 10V
   - rDS(ON) = 0.030Ω, VGS = 5V
• PWM Optimized for Synchronous Buck Applications
• Fast Switching
• Low Gate Charge
   - Qg Total 14nC (Typ)
• Low Capacitance
   - CISS 624pF (Typ)
   - CRSS 71pF (Typ)




Similar Part No. - HUF76013P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
More results


Similar Description - HUF76013P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76009P3 FAIRCHILD-HUF76009P3 Datasheet
252Kb / 12P
20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
2000 04
RFD16N02L INTERSIL-RFD16N02L Datasheet
74Kb / 8P
16A, 20V, 0.022 Ohm, N-Channel, Logic Level, Power MOSFET
May 1997
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
May 1997
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com