Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUF76013P3 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HUF76013P3
Description  20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76013P3 Datasheet(HTML) 2 Page - Intersil Corporation

  HUF76013P3 Datasheet HTML 1Page - Intersil Corporation HUF76013P3 Datasheet HTML 2Page - Intersil Corporation HUF76013P3 Datasheet HTML 3Page - Intersil Corporation HUF76013P3 Datasheet HTML 4Page - Intersil Corporation HUF76013P3 Datasheet HTML 5Page - Intersil Corporation HUF76013P3 Datasheet HTML 6Page - Intersil Corporation HUF76013P3 Datasheet HTML 7Page - Intersil Corporation HUF76013P3 Datasheet HTML 8Page - Intersil Corporation HUF76013P3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
20
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS = 0V
-
-
1
µA
VDS = 20V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
1
-
3
V
Drain to Source ON Resistance
rDS(ON)
ID = 20A, VGS = 10V (Figures 8, 9)
-
0.018
0.022
W
ID = 20A, VGS = 5V (Figure 8)
-
0.025
0.030
W
SWITCHING SPECIFICATIONS (VGS = 5V)
Turn-On Time
tON
VDD = 10V, ID = 20A
VGS = 5V, RGS = 19Ω
(Figures 14, 18, 19)
-
-
197
ns
Turn-On Delay Time
td(ON)
-11-
ns
Rise Time
tr
-
120
-
ns
Turn-Off Delay Time
td(OFF)
-19-
ns
Fall Time
tf
-30-
ns
Turn-Off Time
tOFF
-
-
72
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 10V, ID = 20A
VGS = 10V,
RGS = 19Ω
(Figures 15, 18, 19)
-
-
151
ns
Turn-On Delay Time
td(ON)
-7-
ns
Rise Time
tr
-93-
ns
Turn-Off Delay Time
td(OFF)
-37-
ns
Fall Time
tf
-29-
ns
Turn-Off Time
tOFF
-
-
100
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge at 10V
Qg(TOT)
VGS = 0V to 10V
VDD = 10V,
ID = 20A,
Ig(REF) = 1.0mA
(Figures 13, 16, 17)
-
14.4
17
nC
Total Gate Charge at 5V
Qg(TOT)
VGS = 0V to 5V
-
7.8
9
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
0.9
1
nC
Gate to Source Gate Charge
Qgs
-
3.5
-
nC
Gate to Drain “Miller” Charge
Qgd
-
3.2
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 20V, VGS = 0V,
f = 1MHz
(Figure 12)
-
624
-
pF
Output Capacitance
COSS
-
444
-
pF
Reverse Transfer Capacitance
CRSS
-71-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 20A
-
-
1.25
V
ISD = 10A
-
-
1.0
V
Reverse Recovery Time
trr
ISD = 20A, dISD/dt = 100A/µs-
-
55
ns
Reverse Recovered Charge
QRR
ISD = 20A, dISD/dt = 100A/µs-
-
82
nC
HUF76013P3, HUF76013D3S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com