Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUF76013P3 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HUF76013P3
Description  20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76013P3 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HUF76013P3 Datasheet HTML 3Page - Intersil Corporation HUF76013P3 Datasheet HTML 4Page - Intersil Corporation HUF76013P3 Datasheet HTML 5Page - Intersil Corporation HUF76013P3 Datasheet HTML 6Page - Intersil Corporation HUF76013P3 Datasheet HTML 7Page - Intersil Corporation HUF76013P3 Datasheet HTML 8Page - Intersil Corporation HUF76013P3 Datasheet HTML 9Page - Intersil Corporation HUF76013P3 Datasheet HTML 10Page - Intersil Corporation HUF76013P3 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HUF76013P3, HUF76013D3S
TO-220AB
3 LEAD JEDEC TO-220AB PLASTIC PACKAGE
E
ØP
Q
D
H1
E1
L
L1
60o
b1
b
1
2
3
e
e1
A
c
J1
45o
D1
A1
TERM. 4
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.170
0.180
4.32
4.57
-
A1
0.048
0.052
1.22
1.32
-
b
0.030
0.034
0.77
0.86
3, 4
b1
0.045
0.055
1.15
1.39
2, 3
c
0.014
0.019
0.36
0.48
2, 3, 4
D
0.590
0.610
14.99
15.49
-
D1
-
0.160
-
4.06
-
E
0.395
0.410
10.04
10.41
-
E1
-
0.030
-
0.76
-
e
0.100 TYP
2.54 TYP
5
e1
0.200 BSC
5.08 BSC
5
H1
0.235
0.255
5.97
6.47
-
J1
0.100
0.110
2.54
2.79
6
L
0.530
0.550
13.47
13.97
-
L1
0.130
0.150
3.31
3.81
2
ØP
0.149
0.153
3.79
3.88
-
Q
0.102
0.112
2.60
2.84
-
NOTES:
1. These dimensions are within allowable dimensions of Rev. J of
JEDEC TO-220AB outline dated 3-24-87.
2. Lead dimension and finish uncontrolled in L1.
3. Lead dimension (without solder).
4. Add typically 0.002 inches (0.05mm) for solder coating.
5. Position of lead to be measured 0.250 inches (6.35mm) from bot-
tom of dimension D.
6. Position of lead to be measured 0.100 inches (2.54mm) from bot-
tom of dimension D.
7. Controlling dimension: Inch.
8. Revision 2 dated 7-97.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com