Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUF76013P3 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HUF76013P3
Description  20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76013P3 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HUF76013P3 Datasheet HTML 3Page - Intersil Corporation HUF76013P3 Datasheet HTML 4Page - Intersil Corporation HUF76013P3 Datasheet HTML 5Page - Intersil Corporation HUF76013P3 Datasheet HTML 6Page - Intersil Corporation HUF76013P3 Datasheet HTML 7Page - Intersil Corporation HUF76013P3 Datasheet HTML 8Page - Intersil Corporation HUF76013P3 Datasheet HTML 9Page - Intersil Corporation HUF76013P3 Datasheet HTML 10Page - Intersil Corporation HUF76013P3 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
HUF76013P3, HUF76013D3S
TO-252AA
SURFACE MOUNT JEDEC TO-252AA PLASTIC PACKAGE
TO-252AA
16mm TAPE AND REEL
b2
E
D
L3
L
e
b1
b
13
A
L
c
SEATING
BACK VIEW
2
H1
A1
b3
e1
J1
L1
TERM. 4
0.265
MINIMUM PAD SIZE RECOMMENDED FOR
SURFACE-MOUNTED APPLICATIONS
(6.7)
0.265 (6.7)
0.070 (1.8)
0.118 (3.0)
0.063 (1.6) TYP
0.090 (2.3) TYP
PLANE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.086
0.094
2.19
2.38
-
A1
0.018
0.022
0.46
0.55
4, 5
b
0.028
0.032
0.72
0.81
4, 5
b1
0.033
0.045
0.84
1.14
4
b2
0.205
0.215
5.21
5.46
4, 5
b3
0.190
-
4.83
-
2
c
0.018
0.022
0.46
0.55
4, 5
D
0.270
0.295
6.86
7.49
-
E
0.250
0.265
6.35
6.73
-
e
0.090 TYP
2.28 TYP
7
e1
0.180 BSC
4.57 BSC
7
H1
0.035
0.045
0.89
1.14
-
J1
0.040
0.045
1.02
1.14
-
L
0.100
0.115
2.54
2.92
-
L1
0.020
-
0.51
-
4, 6
L2
0.025
0.040
0.64
1.01
3
L3
0.170
-
4.32
-
2
NOTES:
1. These dimensions are within allowable dimensions of Rev. B of
JEDEC TO-252AA outline dated 9-88.
2. L3 and b3 dimensions establish a minimum mounting surface for
terminal 4.
3. Solder finish uncontrolled in this area.
4. Dimension (without solder).
5. Add typically 0.002 inches (0.05mm) for solder plating.
6. L1 is the terminal length for soldering.
7. Position of lead to be measured 0.090 inches (2.28mm) from bottom
of dimension D.
8. Controlling dimension: Inch.
9. Revision 11 dated 1-00.
2.0mm
4.0mm
1.5mm
DIA. HOLE
8.0mm
16mm
USER DIRECTION OF FEED
C
L
1.75mm
330mm
50mm
13mm
22.4mm
16.4mm
COVER TAPE
GENERAL INFORMATION
1. 2500 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com