Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFT1P06E Datasheet (PDF) - Intersil Corporation

RFT1P06E Datasheet PDF - Intersil Corporation
Part # RFT1P06E
Download  RFT1P06E Download
File Size   82.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET

RFT1P06E Datasheet (PDF)

Go To PDF Page Download Datasheet
RFT1P06E Datasheet PDF - Intersil Corporation

Part # RFT1P06E
Download  RFT1P06E Click to download

File Size   82.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET

RFT1P06E Datasheet (HTML) - Intersil Corporation


RFT1P06E Product details

These products are P-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.
Formerly developmental type TA49044.

Features
• 1.4A, 60V
• rDS(ON) = 0.285Ω
• 2kV ESD Protected
• Temperature Compensating PSPICE® Model
• SPICE Thermal Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 150oC Operating Temperature
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFT1P06E

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFT1950-08 RFHIC-RFT1950-08 Datasheet
162Kb / 3P
Power Amplifier
More results


Similar Description - RFT1P06E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
August 1999
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
April 1999
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
July 1999
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
August 1999
logo
Will Semiconductor Ltd.
WPM1488 WILLSEMI-WPM1488 Datasheet
641Kb / 7P
Single P-Channel, -12V, -1.4A, Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com