Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRP30120 Datasheet (PDF) - Intersil Corporation

RHRP30120 Datasheet PDF - Intersil Corporation
Part # RHRP30120
Download  RHRP30120 Download
File Size   31.38 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 1200V Hyperfast Diode

RHRP30120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP30120 Datasheet PDF - Intersil Corporation

Part # RHRP30120
Download  RHRP30120 Click to download

File Size   31.38 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 1200V Hyperfast Diode

RHRP30120 Datasheet (HTML) - Intersil Corporation


RHRP30120 Product details

The RHRP30120 is a hyperfast diode with soft recovery characteristics (trr < 65ns).It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of high frequency switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <65ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP30120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP30120 FAIRCHILD-RHRP30120 Datasheet
74Kb / 4P
30A, 1200V Hyperfast Diode
RHRP30120 FAIRCHILD-RHRP30120 Datasheet
908Kb / 5P
30 A, 1200 V, Hyperfast Diode
logo
Thinki Semiconductor Co...
RHRP30120 THINKISEMI-RHRP30120 Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRP30120 ISC-RHRP30120 Datasheet
352Kb / 2P
Ultrafast Rectifier
logo
Thinki Semiconductor Co...
RHRP30120U THINKISEMI-RHRP30120U Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Ultrafast Recovery Epitaxial Diode
More results


Similar Description - RHRP30120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
30A, 1200V Hyperfast Diode
RHRP30120 FAIRCHILD-RHRP30120 Datasheet
74Kb / 4P
30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG30120 INTERSIL-RHRG30120 Datasheet
31Kb / 3P
30A, 1200V Hyperfast Diode
January 2000
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
30A, 1200V Hyperfast Dual Diode
January 2000
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
15A, 1200V Hyperfast Diode
January 2000
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
8A, 1200V Hyperfast Diode
January 2000
RHRU100120 INTERSIL-RHRU100120 Datasheet
40Kb / 3P
100A, 1200V Hyperfast Diode
January 2000
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
50A, 1200V Hyperfast Diode
April 1995
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com