Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRP8120 Datasheet (PDF) - Intersil Corporation

RHRP8120 Datasheet PDF - Intersil Corporation
Part # RHRP8120
Download  RHRP8120 Download
File Size   50.25 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1200V Hyperfast Diode

RHRP8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP8120 Datasheet PDF - Intersil Corporation

Part # RHRP8120
Download  RHRP8120 Click to download

File Size   50.25 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1200V Hyperfast Diode

RHRP8120 Datasheet (HTML) - Intersil Corporation


RHRP8120 Product details

The RHRP8120 is a hyperfast diodes with soft recovery characteristics (trr < 55ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP8120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
8A, 1200V Hyperfast Diode
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
2Mb / 5P
Hyperfast Recovery trr = 70 ns (@ IF= 8 A)
logo
Thinki Semiconductor Co...
RHRP8120 THINKISEMI-RHRP8120 Datasheet
636Kb / 3P
10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diodes
logo
Inchange Semiconductor ...
RHRP8120 ISC-RHRP8120 Datasheet
276Kb / 2P
Ultra-fast Rectifier
logo
Intersil Corporation
RHRP8120CC INTERSIL-RHRP8120CC Datasheet
49Kb / 4P
8A, 1200V Hyperfast Dual Diode
January 2000
More results


Similar Description - RHRP8120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
8A, 1200V Stealth??Diode
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
30A, 1200V Hyperfast Diode
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
8A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG30120 INTERSIL-RHRG30120 Datasheet
31Kb / 3P
30A, 1200V Hyperfast Diode
January 2000
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
15A, 1200V Hyperfast Diode
January 2000
RHRP8100 INTERSIL-RHRP8100 Datasheet
55Kb / 4P
8A, 1000V Hyperfast Diode
January 2000
RHRP8120CC INTERSIL-RHRP8120CC Datasheet
49Kb / 4P
8A, 1200V Hyperfast Dual Diode
January 2000
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
50A, 1200V Hyperfast Diode
April 1995
RURP8120 INTERSIL-RURP8120 Datasheet
49Kb / 4P
8A, 1200V Ultrafast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com