Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRP8100 Datasheet (PDF) - Intersil Corporation

RHRP8100 Datasheet PDF - Intersil Corporation
Part # RHRP8100
Download  RHRP8100 Download
File Size   55.74 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1000V Hyperfast Diode

RHRP8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP8100 Datasheet PDF - Intersil Corporation

Part # RHRP8100
Download  RHRP8100 Click to download

File Size   55.74 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1000V Hyperfast Diode

RHRP8100 Datasheet (HTML) - Intersil Corporation


RHRP8100 Product details

The RHRP8100 is a hyperfast diode with soft recovery characteristic (trr < 60ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
   
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction
   
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
   




Similar Part No. - RHRP8100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRP8100CC INTERSIL-RHRP8100CC Datasheet
53Kb / 4P
8A, 1000V Hyperfast Dual Diode
January 2000
More results


Similar Description - RHRP8100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
8A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG30100 INTERSIL-RHRG30100 Datasheet
48Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRG30100CC INTERSIL-RHRG30100CC Datasheet
49Kb / 4P
30A, 1000V Hyperfast Dual Diode
January 2000
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
50A, 1000V Hyperfast Diode
January 2000
RHRP15100 INTERSIL-RHRP15100 Datasheet
54Kb / 4P
15A, 1000V Hyperfast Diode
January 2000
RHRP30100 INTERSIL-RHRP30100 Datasheet
50Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRP8100CC INTERSIL-RHRP8100CC Datasheet
53Kb / 4P
8A, 1000V Hyperfast Dual Diode
January 2000
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
8A, 1200V Hyperfast Diode
January 2000
RHRP8120CC INTERSIL-RHRP8120CC Datasheet
49Kb / 4P
8A, 1200V Hyperfast Dual Diode
January 2000
RURP8100CC INTERSIL-RURP8100CC Datasheet
50Kb / 4P
8A, 1000V Ultrafast Dual Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com