Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRP8120CC Datasheet (PDF) - Intersil Corporation

RHRP8120CC Datasheet PDF - Intersil Corporation
Part # RHRP8120CC
Download  RHRP8120CC Download
File Size   49.83 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1200V Hyperfast Dual Diode

RHRP8120CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP8120CC Datasheet PDF - Intersil Corporation

Part # RHRP8120CC
Download  RHRP8120CC Click to download

File Size   49.83 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1200V Hyperfast Dual Diode

RHRP8120CC Datasheet (HTML) - Intersil Corporation


RHRP8120CC Product details

The RHRP8120CC is a hyperfast dual diode with soft recovery characteristics (trr < 55ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP8120CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
8A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
8A, 1200V Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
2Mb / 5P
Hyperfast Recovery trr = 70 ns (@ IF= 8 A)
logo
Thinki Semiconductor Co...
RHRP8120 THINKISEMI-RHRP8120 Datasheet
636Kb / 3P
10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diodes
logo
Inchange Semiconductor ...
RHRP8120 ISC-RHRP8120 Datasheet
276Kb / 2P
Ultra-fast Rectifier
More results


Similar Description - RHRP8120CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
8A, 1200V Stealth??Dual Diode
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
8A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG15120CC INTERSIL-RHRG15120CC Datasheet
49Kb / 4P
15A, 1200V Hyperfast Dual Diode
January 2000
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
30A, 1200V Hyperfast Dual Diode
January 2000
RHRP6120CC INTERSIL-RHRP6120CC Datasheet
97Kb / 5P
6A, 1200V Hyperfast Dual Diode
July 1996
RHRP8100 INTERSIL-RHRP8100 Datasheet
55Kb / 4P
8A, 1000V Hyperfast Diode
January 2000
RHRP8100CC INTERSIL-RHRP8100CC Datasheet
53Kb / 4P
8A, 1000V Hyperfast Dual Diode
January 2000
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
8A, 1200V Hyperfast Diode
January 2000
RURP8120 INTERSIL-RURP8120 Datasheet
49Kb / 4P
8A, 1200V Ultrafast Diode
January 2000
RURP8120CC INTERSIL-RURP8120CC Datasheet
49Kb / 4P
8A, 1200V Ultrafast Dual Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com