Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURD460 Datasheet (PDF) - Intersil Corporation

RURD460 Datasheet PDF - Intersil Corporation
Part # RURD460
Download  RURD460 Download
File Size   28.93 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A, 600V Ultrafast Diodes

RURD460 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURD460 Datasheet PDF - Intersil Corporation

Part # RURD460
Download  RURD460 Click to download

File Size   28.93 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A, 600V Ultrafast Diodes

RURD460 Datasheet (HTML) - Intersil Corporation


RURD460 Product details

The RURD460, and RURD460S are ultrafast diodes with soft recovery characteristics (trr < 55ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURD460

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD460 FAIRCHILD-RURD460 Datasheet
371Kb / 5P
4A, 600V Ultrafast Diodes
RURD460S FAIRCHILD-RURD460S Datasheet
371Kb / 5P
4A, 600V Ultrafast Diodes
More results


Similar Description - RURD460

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
4A, 400V - 600V Hyperfast Diodes
RURD460 FAIRCHILD-RURD460 Datasheet
371Kb / 5P
4A, 600V Ultrafast Diodes
logo
Intersil Corporation
RURD4120 INTERSIL-RURD4120 Datasheet
47Kb / 4P
4A, 1200V Ultrafast Diodes
January 2000
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
4A, 200V Ultrafast Diodes
January 2000
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
6A, 600V Ultrafast Diodes
January 2000
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
4A, 100V - 200V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD420S FAIRCHILD-RURD420S Datasheet
100Kb / 5P
4A, 200V Ultrafast Diodes
RURD4120 FAIRCHILD-RURD4120 Datasheet
354Kb / 5P
4A, 1200V Ultrafast Diodes
RURD4120S9A FAIRCHILD-RURD4120S9A Datasheet
498Kb / 5P
4A, 1200V Ultrafast Diodes
RURD4120S_F085 FAIRCHILD-RURD4120S_F085 Datasheet
466Kb / 5P
4A, 1200V Ultrafast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com