Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80SQ040 Datasheet (PDF) - SUNMATE electronic Co., LTD

80SQ040 Datasheet PDF - SUNMATE electronic Co., LTD
Part # 80SQ040
Download  80SQ040 Download
File Size   1142.56 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 8A Axial Leaded Schottky Rectifier

80SQ040 Datasheet (PDF)

Go To PDF Page Download Datasheet
80SQ040 Datasheet PDF - SUNMATE electronic Co., LTD

Part # 80SQ040
Download  80SQ040 Click to download

File Size   1142.56 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 8A Axial Leaded Schottky Rectifier

80SQ040 Datasheet (HTML) - SUNMATE electronic Co., LTD


80SQ040 Product details

Features

• 175 °C TJ operation

• Low forward voltage drop

• High frequency operation

• High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance

• Guard ring for enhanced ruggedness and long term reliability

• Lead (Pb)-free plating

• Designed and qualified for industrial level



 




Similar Part No. - 80SQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SQ040 IRF-80SQ040 Datasheet
125Kb / 5P
SCHOTTKY RECTIFIER
80SQ040 IRF-80SQ040 Datasheet
172Kb / 4P
8 AMP SCHOTTKY POWER RECTIFIERS
logo
Vishay Siliconix
80SQ040 VISHAY-80SQ040 Datasheet
106Kb / 6P
Schottky Rectifier, 8 A
07-Nov-08
logo
New Jersey Semi-Conduct...
80SQ040 NJSEMI-80SQ040 Datasheet
142Kb / 1P
Schottky Rectifiers
80SQ040 NJSEMI-80SQ040 Datasheet
59Kb / 1P
Schottky Rectifiers
More results


Similar Description - 80SQ040

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SB220 FORMOSA-SB220 Datasheet
160Kb / 6P
Axial Leaded Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier
11DQ03 SUNMATE-11DQ03 Datasheet
149Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
2.0A Axial Leaded Schottky Rectifier
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
2.0A Axial Leaded Schottky Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
3.0A Axial Leaded Schottky Barrier Rectifier
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
3.0A Axial Leaded Schottky Barrier Rectifier
50SQ060 SUNMATE-50SQ060 Datasheet
1Mb / 3P
5A Axial Leaded Schottky Rectifier
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com