Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21DQ04 Datasheet (PDF) - SUNMATE electronic Co., LTD

21DQ04 Datasheet PDF - SUNMATE electronic Co., LTD
Part # 21DQ04
Download  21DQ04 Download
File Size   188.47 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 2.0A Axial Leaded Schottky Rectifier

21DQ04 Datasheet (PDF)

Go To PDF Page Download Datasheet
21DQ04 Datasheet PDF - SUNMATE electronic Co., LTD

Part # 21DQ04
Download  21DQ04 Click to download

File Size   188.47 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 2.0A Axial Leaded Schottky Rectifier

21DQ04 Datasheet (HTML) - SUNMATE electronic Co., LTD


21DQ04 Product details

Features
● Low profile, axial leaded outline
● High frequency operation
● Very low forward voltage drop
● High purity, high temperature epoxy encapsulation for
   enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
● Lead (Pb)-free plating
● Designed and qualified for industrial level




Similar Part No. - 21DQ04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
Nihon Inter Electronics...
21DQ04 NIEC-21DQ04 Datasheet
43Kb / 6P
Low Forward Voltage drop Diode
logo
Monolithic Power System...
21DQ04 MPS-21DQ04 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Vishay Siliconix
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
21DQ04 VISHAY-21DQ04 Datasheet
123Kb / 6P
Schottky Rectifier, 2 A
21-Sep-11
More results


Similar Description - 21DQ04

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
2.0A Axial Leaded Schottky Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
2.0A Axial Leaded Silicon Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
2.0A Axial Leaded Rectifier
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com