Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV37 Datasheet (PDF) - SUNMATE electronic Co., LTD

BYV37 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BYV37
Download  BYV37 Download
File Size   131.66 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 2.0A Axial Leaded Fast Recovery Rectifier

BYV37 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV37 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BYV37
Download  BYV37 Click to download

File Size   131.66 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 2.0A Axial Leaded Fast Recovery Rectifier

BYV37 Datasheet (HTML) - SUNMATE electronic Co., LTD


BYV37 Product details

FEATURES
• Low cost
• Diffused junction
• Low leakage
• Low forward voltage drop
• High current capability
• Easily cleaned with Freon,Alcohol,Isopropanol
    and similar solvents
• The plastic material carries U/L recognition 94V-0
  




Similar Part No. - BYV37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV37 VISHAY-BYV37 Datasheet
41Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
Galaxy Semi-Conductor H...
BYV37 BILIN-BYV37 Datasheet
89Kb / 2P
FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
BYV37 VISHAY-BYV37 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYV37 VISHAY-BYV37 Datasheet
124Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Diode Semiconductor Kor...
BYV37 DSK-BYV37 Datasheet
294Kb / 2P
FAST RECOVERY RECTIFIERS
More results


Similar Description - BYV37

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
2.0A Axial Leaded Schottky Rectifier
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
2.0A Axial Leaded Schottky Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
2.0A Axial Leaded Rectifier
UF200 SUNMATE-UF200 Datasheet
90Kb / 2P
2.0A Axial Leaded Ultrfast Switching Fast Rectifier
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
logo
Shenzhen Yixinwei Techn...
UF2010 YIXIN-UF2010 Datasheet
134Kb / 2P
2.0A Axial Leaded Ultrfast Switching Fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com