Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGP10A Datasheet (PDF) - SUNMATE electronic Co., LTD

EGP10A Datasheet PDF - SUNMATE electronic Co., LTD
Part # EGP10A
Download  EGP10A Download
File Size   146.77 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded High Efficiency Rectifier

EGP10A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP10A Datasheet PDF - SUNMATE electronic Co., LTD

Part # EGP10A
Download  EGP10A Click to download

File Size   146.77 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded High Efficiency Rectifier

EGP10A Datasheet (HTML) - SUNMATE electronic Co., LTD


EGP10A Product details

Features

• Low cost

• Diffused junction

• Low leakage

• Low forward voltage

• Easily cleaned with alcohol, Isopropanol and similar solvents

• High current capability

• The plastic material carries U/L recognition 94V-0



 




Similar Part No. - EGP10A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Fairchild Semiconductor
EGP10A FAIRCHILD-EGP10A Datasheet
36Kb / 3P
1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
General Semiconductor
EGP10A GE-EGP10A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Micro Commercial Compon...
EGP10A MCC-EGP10A Datasheet
91Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
List of Unclassifed Man...
EGP10A ETC-EGP10A Datasheet
38Kb / 2P
1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
More results


Similar Description - EGP10A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
EGP20A SUNMATE-EGP20A Datasheet
111Kb / 2P
2.0A Axial Leaded High Efficiency Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
1.0A Axial Leaded Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
MUR170 SUNMATE-MUR170 Datasheet
140Kb / 2P
1.0A Axial Leaded High Efficiency Rectifier
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
1.0A Axial Leaded High-Voltage Schottky Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com