Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR410 Datasheet (PDF) - SUNMATE electronic Co., LTD

MUR410 Datasheet PDF - SUNMATE electronic Co., LTD
Part # MUR410
Download  MUR410 Download
File Size   195.66 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes

MUR410 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR410 Datasheet PDF - SUNMATE electronic Co., LTD

Part # MUR410
Download  MUR410 Click to download

File Size   195.66 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes

MUR410 Datasheet (HTML) - SUNMATE electronic Co., LTD


MUR410 Product details

VOLTAGE RANGE: 50 - 600V CURRENT: 4.0 A

Features
● Diffused Junction
● Low Forward Voltage Drop
● High Reliability
● High Surge Current Capability
● High Current Capability




Similar Part No. - MUR410

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR410 JGD-MUR410 Datasheet
143Kb / 2P
4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR410 MCC-MUR410 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
ON Semiconductor
MUR410 ONSEMI-MUR410 Datasheet
67Kb / 7P
SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
logo
Galaxy Semi-Conductor H...
MUR410 BILIN-MUR410 Datasheet
68Kb / 2P
SUPER FAST RECTIFIER
logo
SynSemi, Inc.
MUR410 SYNSEMI-MUR410 Datasheet
35Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS DIODES
More results


Similar Description - MUR410

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUS EDI-RUS Datasheet
43Kb / 2P
50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
logo
Semtech Corporation
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
2T2KF SEMTECH-2T2KF Datasheet
36Kb / 2P
2KV Diode, Axial Leaded Fast Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
MUR440 SUNMATE-MUR440 Datasheet
204Kb / 2P
4.0A Axial Leaded Ultra-Fast Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com