Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P10A05 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

P10A05 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # P10A05_15
Download  P10A05 Download
File Size   135.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 10 A, General Purpose Rectifiers

P10A05 Datasheet (PDF)

Go To PDF Page Download Datasheet
P10A05 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # P10A05_15
Download  P10A05 Click to download

File Size   135.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 10 A, General Purpose Rectifiers

P10A05 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - P10A05_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05 Datasheet
130Kb / 2P
VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers
More results


Similar Description - P10A05_15

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05 Datasheet
130Kb / 2P
VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers
1N4001G SECOS-1N4001G_09 Datasheet
205Kb / 2P
1.0 A, General Purpose Plastic Rectifiers
logo
New Jersey Semi-Conduct...
1N3611 NJSEMI-1N3611 Datasheet
134Kb / 1P
General Purpose Rectifiers in "A" Bodt Package
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
First Components Intern...
FG1001 FCI-FG1001_1 Datasheet
4Mb / 2P
10 Amps General Purpose Plastic Rectifiers
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com