Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR502 Datasheet (PDF) - SUNMATE electronic Co., LTD

SR502 Datasheet PDF - SUNMATE electronic Co., LTD
Part # SR502
Download  SR502 Download
File Size   121.03 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Axial Leaded Schottky Barrier Rectifiers

SR502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR502 Datasheet PDF - SUNMATE electronic Co., LTD

Part # SR502
Download  SR502 Click to download

File Size   121.03 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Axial Leaded Schottky Barrier Rectifiers

SR502 Datasheet (HTML) - SUNMATE electronic Co., LTD


SR502 Product details

Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability

Mechanical Data
• Cases: DO-201AD molded plastic
• Epoxy: UL 94V-O rate flame retardant
• Lead: Axial leads, solderable per
   MIL-STD-202, Method 208 guaranteed
• Polarity: Color band denotes cathode end
• High temperature soldering guaranteed:
   260°C/10 seconds/.375”,(9.5mm) lead
   lengths at 5 lbs.,(2.3kg) tension
•  Weight: 1.1 grams




Similar Part No. - SR502

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR502 DIODES-SR502 Datasheet
64Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
logo
Micro Commercial Compon...
SR502 MCC-SR502 Datasheet
82Kb / 2P
5 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Taiwan Semiconductor Co...
SR502 TSC-SR502 Datasheet
63Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - SR502

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR120 FORMOSA-SR120_13 Datasheet
135Kb / 6P
1.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR220 FORMOSA-SR220_13 Datasheet
184Kb / 6P
2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
logo
SUNMATE electronic Co.,...
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifiers
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
3.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
3.0A Axial Leaded Schottky Barrier Rectifiers
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com