Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR520 Datasheet (PDF) - SUNMATE electronic Co., LTD

SR520 Datasheet PDF - SUNMATE electronic Co., LTD
Part # SR520
Download  SR520 Download
File Size   178.13 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Axial Leaded Schottky Barrier Diode

SR520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR520 Datasheet PDF - SUNMATE electronic Co., LTD

Part # SR520
Download  SR520 Click to download

File Size   178.13 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Axial Leaded Schottky Barrier Diode

SR520 Datasheet (HTML) - SUNMATE electronic Co., LTD


SR520 Product details

Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability

Mechanical Data
• Cases: DO-201AD molded plastic
• Epoxy: UL 94V-O rate flame retardant
• Lead: Axial leads, solderable per
   MIL-STD-202, Method 208 guaranteed
• Polarity: Color band denotes cathode end
• High temperature soldering guaranteed:
   260°C/10 seconds/.375”,(9.5mm) lead
   lengths at 5 lbs.,(2.3kg) tension
•  Weight: 1.1 grams




Similar Part No. - SR520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
Bytes
SR520 BYTES-SR520 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR520 CHENYI-SR520 Datasheet
164Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR520 DCCOM-SR520 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR520

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
logo
SUNMATE electronic Co.,...
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
3.0A Axial Leaded Schottky Barrier Diode
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
SR320 SUNMATE-SR320 Datasheet
141Kb / 2P
3.0A Axial Leaded Schottky Barrier Diode
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
5.0A Axial Leaded Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com