Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5210S Datasheet (PDF) - International Rectifier

IRF5210S Datasheet PDF - International Rectifier
Part # IRF5210S
Download  IRF5210S Download
File Size   186.9 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)

IRF5210S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5210S Datasheet PDF - International Rectifier

Part # IRF5210S
Download  IRF5210S Click to download

File Size   186.9 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)

IRF5210S Datasheet (HTML) - International Rectifier


IRF5210S Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRF5210L) is available for low profile applications.

● Advanced Process Technology
● Surface Mount (IRF5210S)
● Low-profile through-hole (IRF5210L)
● 175°C Operating Temperature
● Fast Switching
● P-Channel
● Fully Avalanche Rated




Similar Part No. - IRF5210S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF5210S ISC-IRF5210S Datasheet
296Kb / 2P
isc P-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRF5210S EVVOSEMI-IRF5210S Datasheet
998Kb / 4P
P-Ch 100V Fast Switching MOSFETs
Rev:2023A2
logo
International Rectifier
IRF5210SPBF IRF-IRF5210SPBF Datasheet
696Kb / 10P
HEXFET Power MOSFET
IRF5210SPBF IRF-IRF5210SPBF Datasheet
316Kb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF5210SPBF ISC-IRF5210SPBF Datasheet
318Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - IRF5210S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com