Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9Z24N Datasheet (PDF) - International Rectifier

IRF9Z24N Datasheet PDF - International Rectifier
Part # IRF9Z24N
Download  IRF9Z24N Download
File Size   109.06 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)

IRF9Z24N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9Z24N Datasheet PDF - International Rectifier

Part # IRF9Z24N
Download  IRF9Z24N Click to download

File Size   109.06 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)

IRF9Z24N Datasheet (HTML) - International Rectifier


IRF9Z24N Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● P-Channel
● Fully Avalanche Rated




Similar Part No. - IRF9Z24N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9Z24N KERSEMI-IRF9Z24N Datasheet
720Kb / 8P
Advanced Process Technology
logo
Guangdong Youtai Semico...
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
logo
International Rectifier
IRF9Z24NL IRF-IRF9Z24NL Datasheet
168Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24NL IRF-IRF9Z24NL Datasheet
179Kb / 11P
Advanced Process Technology
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
394Kb / 11P
HEXFET Power MOSFET
More results


Similar Description - IRF9Z24N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com