Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7160-2A Datasheet (PDF) - Renesas Technology Corp

PS7160-2A Datasheet PDF - Renesas Technology Corp
Part # PS7160-2A
Download  PS7160-2A Download
File Size   228.37 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET

PS7160-2A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7160-2A Datasheet PDF - Renesas Technology Corp

Part # PS7160-2A
Download  PS7160-2A Click to download

File Size   228.37 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET

PS7160-2A Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - PS7160-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160-2A CEL-PS7160-2A Datasheet
341Kb / 11P
8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A Datasheet
221Kb / 15P
8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7160-2A-A CEL-PS7160-2A-A Datasheet
341Kb / 11P
8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
More results


Similar Description - PS7160-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141E-2A RENESAS-PS7141E-2A_15 Datasheet
228Kb / 15P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-2A RENESAS-PS7142-2A Datasheet
253Kb / 15P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7221A-2A RENESAS-PS7221A-2A Datasheet
271Kb / 14P
8-PIN SOP, 260 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com