Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16655 Datasheet (PDF) - NEC

UPD16655 Datasheet PDF - NEC
Part # UPD16655
Download  UPD16655 Download
File Size   71.8 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240-OUTPUT TFT-LCD GATE DRIVER

UPD16655 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16655 Datasheet PDF - NEC

Part # UPD16655
Download  UPD16655 Click to download

File Size   71.8 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240-OUTPUT TFT-LCD GATE DRIVER

UPD16655 Datasheet (HTML) - NEC


UPD16655 Product details

The µ PD16655 is a TFT-LCD gate driver equipped with 240-output lines. It can output a high-gate scanning voltage in response to 5 V/3.3 V CMOS level input because it provided with a level-shift circuit as a logic-input circuit. This gate driver is also provided with an output enable (OE) function, so that drivers can be installed at both sides.



FEATURES

• High-output voltage (VDD-VEE = amplitude: 31 V MAX.)

• Shift-direction select function

• Level shift of negative voltage VEE2(level shift range: VDD-VEE2 = 15 V)

• 5 V/3.3 V CMOS level interface

• Output enable function

• As many as 240-output lines

• Slim TCP



 




Similar Part No. - UPD16655

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16655 RENESAS-UPD16655 Datasheet
201Kb / 14P
MOS INTEGRATED CIRCUIT
1998
UPD16655N-XXX RENESAS-UPD16655N-XXX Datasheet
201Kb / 14P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD16655

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
240-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com