Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI640G Datasheet (PDF) - International Rectifier

IRFI640G Datasheet PDF - International Rectifier
Part # IRFI640G
Download  IRFI640G Download
File Size   172.81 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A)

IRFI640G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI640G Datasheet PDF - International Rectifier

Part # IRFI640G
Download  IRFI640G Click to download

File Size   172.81 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A)

IRFI640G Datasheet (HTML) - International Rectifier


IRFI640G Product details

DESCRIPTION
Third generation Power MOSFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 FULLPAK eliminates the need for additional insulating hardware in commercial-industrial applications. The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. The isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The FULLPAK is mounted to a heatsink using a single clip or by a single screw fixing.

• Isolated Package
• High Voltage Isolation = 2.5 kVRMS
• Sink to Lead Creepage Dist. = 4.8 mm
• Dynamic dV/dt Rating
• Low Thermal Resistance




Similar Part No. - IRFI640G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI640G VISHAY-IRFI640G Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
logo
Kersemi Electronic Co.,...
IRFI640G KERSEMI-IRFI640G Datasheet
4Mb / 7P
Power MOSFET
logo
Vishay Siliconix
IRFI640G VISHAY-IRFI640G Datasheet
1Mb / 8P
Power MOSFET
19-Jan-09
IRFI640G VISHAY-IRFI640G Datasheet
966Kb / 10P
Power MOSFET
11-Oct-2021
logo
Inchange Semiconductor ...
IRFI640G ISC-IRFI640G Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFI640G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRLI640G IRF-IRLI640G Datasheet
332Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.9A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com