Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640S Datasheet (PDF) - International Rectifier

IRF640S Datasheet PDF - International Rectifier
Part # IRF640S
Download  IRF640S Download
File Size   228.71 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)

IRF640S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF640S Datasheet PDF - International Rectifier

Part # IRF640S
Download  IRF640S Click to download

File Size   228.71 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)

IRF640S Datasheet (HTML) - International Rectifier


IRF640S Product details

Description

Third Generation HEXFETs from International Rectifier provide the designer with the best combinations of fast switching , ruggedized device design, low on-resistance and cost effectiveness.



Surface Mount (IRF640S)

Low-profile through-hole (IRF640L)

Available in Tape & Reel (IRF640S)

Dynamic dv/dt Rating

150°C Operating Temperature

Fast Switching

Fully Avalanche Rated




Similar Part No. - IRF640S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640S PHILIPS-IRF640S Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
Sep-1999
logo
Vishay Siliconix
IRF640S VISHAY-IRF640S Datasheet
2Mb / 8P
Power MOSFET
07-Jul-08
IRF640S VISHAY-IRF640S Datasheet
237Kb / 10P
Power MOSFET
18-Jan-16
logo
Inchange Semiconductor ...
IRF640S ISC-IRF640S Datasheet
286Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-23
More results


Similar Description - IRF640S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRFI640G IRF-IRFI640G Datasheet
172Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRLI640G IRF-IRLI640G Datasheet
332Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.9A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com