Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640S Datasheet (PDF) - STMicroelectronics

IRF640S Datasheet PDF - STMicroelectronics
Part # IRF640S
Download  IRF640S Download
File Size   84.23 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET

IRF640S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF640S Datasheet PDF - STMicroelectronics

Part # IRF640S
Download  IRF640S Click to download

File Size   84.23 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET

IRF640S Datasheet (HTML) - STMicroelectronics


IRF640S Product details

DESCRIPTION

This power MOSFET is designed using he company’s consolidated strip layout-based MESH OVERLAYprocess. This technology matches and improves the performances compared with

standard parts from various sources.



■ TYPICAL RDS(on)= 0.150Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ VERY LOW INTRINSIC CAPACITANCES

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ HIGH CURRENT SWITCHING

■ UNINTERRUPTIBLE POWER SUPPLY (UPS)

■ DC/DC COVERTERS FOR TELECOM, INDUSTRIAL, AND LIGHTING EQUIPMENT.




Similar Part No. - IRF640S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640S PHILIPS-IRF640S Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
International Rectifier
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
logo
Vishay Siliconix
IRF640S VISHAY-IRF640S Datasheet
2Mb / 8P
Power MOSFET
07-Jul-08
IRF640S VISHAY-IRF640S Datasheet
237Kb / 10P
Power MOSFET
18-Jan-16
logo
Inchange Semiconductor ...
IRF640S ISC-IRF640S Datasheet
286Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-23
More results


Similar Description - IRF640S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
STE110NS20FD STMICROELECTRONICS-STE110NS20FD Datasheet
277Kb / 8P
N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY™ Power MOSFET
January 2002
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
N-channel 200V - 0.15Ω - 15A - TO-220 MESH OVERLAY??Power MOSFET
06-Oct-2006
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com