Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640S Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF640S
Description  N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF640S Datasheet(HTML) 1 Page - STMicroelectronics

  IRF640S Datasheet HTML 1Page - STMicroelectronics IRF640S Datasheet HTML 2Page - STMicroelectronics IRF640S Datasheet HTML 3Page - STMicroelectronics IRF640S Datasheet HTML 4Page - STMicroelectronics IRF640S Datasheet HTML 5Page - STMicroelectronics IRF640S Datasheet HTML 6Page - STMicroelectronics IRF640S Datasheet HTML 7Page - STMicroelectronics IRF640S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF640S
N - CHANNEL 200V - 0.150
Ω - 18A TO-263
MESH OVERLAY
™ MOSFET
s
TYPICAL RDS(on) = 0.150
s
EXTREMELY HIGH dv/dt CAPABILITY
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using he
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
DC/DC COVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT.
®
INTERNAL SCHEMATIC DIAGRAM
September 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
200
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC18
A
ID
Drain Current (continuous) at Tc =100
oC11
A
IDM (
•)
Drain Current (pulsed)
72
A
Ptot
T otal Dissipat ion at Tc =25
oC
125
W
Derating Factor
1.0
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
5
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 18A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
IRF640S
200 V
< 0.18
18 A
1
3
D
2PAK
TO-263
(suffix ”T4”)
1/8


Similar Part No. - IRF640S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640S PHILIPS-IRF640S Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
International Rectifier
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
logo
Vishay Siliconix
IRF640S VISHAY-IRF640S Datasheet
2Mb / 8P
Power MOSFET
07-Jul-08
IRF640S VISHAY-IRF640S Datasheet
237Kb / 10P
Power MOSFET
18-Jan-16
logo
Inchange Semiconductor ...
IRF640S ISC-IRF640S Datasheet
286Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-23
More results

Similar Description - IRF640S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
STE110NS20FD STMICROELECTRONICS-STE110NS20FD Datasheet
277Kb / 8P
N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY™ Power MOSFET
January 2002
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
N-channel 200V - 0.15Ω - 15A - TO-220 MESH OVERLAY??Power MOSFET
06-Oct-2006
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com