Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16663 Datasheet (PDF) - NEC

UPD16663 Datasheet PDF - NEC
Part # UPD16663
Download  UPD16663 Download
File Size   289.96 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM

UPD16663 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16663 Datasheet PDF - NEC

Part # UPD16663
Download  UPD16663 Click to download

File Size   289.96 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM

UPD16663 Datasheet (HTML) - NEC


UPD16663 Product details

DESCRIPTION

The µPD16663 is a column (segment) driver device with built-in RAM. It is capable of driving a full-dot LCD. There are 240 outputs that, with the 240 × 160 × 4-bit built-in display RAM, enable a 16-gray scale display. The sixteen gray scales can be selected arbitrarily from a 49-stage palette. When combined with the µPD16667, this device can drive displays of 240 × 160 to 480 × 320 dots.



FEATURES

• Built-in display RAM: 240 × 160 × 4 bits

• Logic voltage: 3.0 to 3.6 V

• Duty cycle: 1/160

• Number of outputs: 240

• Gray scales: 16 (selectable from a palette of 49)

• Memory management: Packed pixel

• Compatible with 8-bit/16-bit data buses




Similar Part No. - UPD16663

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16663 RENESAS-UPD16663 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD16663N-051 RENESAS-UPD16663N-051 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD16663N-XXX RENESAS-UPD16663N-XXX Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
More results


Similar Description - UPD16663

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16664 NEC-UPD16664 Datasheet
347Kb / 52P
144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Hynix Semiconductor
HM17CM256 HYNIX-HM17CM256 Datasheet
2Mb / 111P
128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
logo
List of Unclassifed Man...
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
240 Output LCD Segment/Common Driver
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
LCD Segment (Column) Driver CMOS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com