Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16663 Datasheet(PDF) 1 Page - NEC

Part # UPD16663
Description  240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16663 Datasheet(HTML) 1 Page - NEC

  UPD16663 Datasheet HTML 1Page - NEC UPD16663 Datasheet HTML 2Page - NEC UPD16663 Datasheet HTML 3Page - NEC UPD16663 Datasheet HTML 4Page - NEC UPD16663 Datasheet HTML 5Page - NEC UPD16663 Datasheet HTML 6Page - NEC UPD16663 Datasheet HTML 7Page - NEC UPD16663 Datasheet HTML 8Page - NEC UPD16663 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
240-OUTPUT LCD COLUMN (SEGMENT) DRIVER WITH BUILT-IN RAM
DATA SHEET
MOS INTEGRATED CIRCUITS
µµµµPD16663
Document No.
S13392EJ1V0DS00 (1st edition)
Date Published
December 1999 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µPD16663 is a column (segment) driver device with built-in RAM. It is capable of driving a full-dot LCD.
There are 240 outputs that, with the 240
× 160 × 4-bit built-in display RAM, enable a 16-gray scale display. The
sixteen gray scales can be selected arbitrarily from a 49-stage palette. When combined with the
µPD16667, this
device can drive displays of 240
× 160 to 480 × 320 dots.
FEATURES
•
Built-in display RAM: 240
× 160 × 4 bits
•
Logic voltage: 3.0 to 3.6 V
•
Duty cycle: 1/160
•
Number of outputs: 240
•
Gray scales: 16 (selectable from a palette of 49)
•
Memory management: Packed pixel
•
Compatible with 8-bit/16-bit data buses
ORDERING INFORMATION
Part number
Package
µPD16663N-×××
TCP (TAB)
µPD16663N-051
2-side standard TCP
Remark The TCP's external shape is customized. To order the required shape, please contact
an NEC salesperson.
5


Similar Part No. - UPD16663

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16663 RENESAS-UPD16663 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD16663N-051 RENESAS-UPD16663N-051 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD16663N-XXX RENESAS-UPD16663N-XXX Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
More results

Similar Description - UPD16663

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16664 NEC-UPD16664 Datasheet
347Kb / 52P
144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Hynix Semiconductor
HM17CM256 HYNIX-HM17CM256 Datasheet
2Mb / 111P
128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
logo
List of Unclassifed Man...
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
240 Output LCD Segment/Common Driver
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
LCD Segment (Column) Driver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com