Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3200A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM3200A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM3200A_15
Download  SM3200A Download
File Size   215.8 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3.0 A Schottky Barrier Rectifiers

SM3200A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM3200A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM3200A_15
Download  SM3200A Click to download

File Size   215.8 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 3.0 A Schottky Barrier Rectifiers

SM3200A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM3200A_15

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM3200A-CAR GWSEMI-SM3200A-CAR Datasheet
50Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200AF SECOS-SM3200AF Datasheet
243Kb / 2P
20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers
logo
AiT Semiconductor Inc.
SM3200AF AITSEMI-SM3200AF Datasheet
598Kb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM3200AS SECOS-SM3200AS Datasheet
222Kb / 3P
Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SM3200A_15

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_1 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B Datasheet
183Kb / 2P
3.0 A Schottky Barrier Rectifiers
SM3150B SECOS-SM3150B Datasheet
679Kb / 2P
3.0 A Schottky Barrier Rectifiers
SM3200A SECOS-SM3200A Datasheet
216Kb / 2P
3.0 A Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SM3150B SECOS-SM3150B_15 Datasheet
674Kb / 2P
3.0 A Schottky Barrier Rectifiers
SM3150A SECOS-SM3150A Datasheet
192Kb / 2P
Voltage 150 V 3.0 A Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com