Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP3415 Datasheet (PDF) - International Rectifier

IRFP3415 Datasheet PDF - International Rectifier
Part # IRFP3415
Download  IRFP3415 Download
File Size   92.06 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)

IRFP3415 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP3415 Datasheet PDF - International Rectifier

Part # IRFP3415
Download  IRFP3415 Click to download

File Size   92.06 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)

IRFP3415 Datasheet (HTML) - International Rectifier


IRFP3415 Product details

Description
Fifth Generation HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-247 package is preferred for commercialindustrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFP3415

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP3415 ISC-IRFP3415 Datasheet
333Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFP3415PBF IRF-IRFP3415PBF Datasheet
166Kb / 9P
HEXFET짰 Power MOSFET
IRFP3415PBF IRF-IRFP3415PBF Datasheet
167Kb / 9P
Advanced Process Technology
IRFP3415PBF IRF-IRFP3415PBF_15 Datasheet
167Kb / 9P
Advanced Process Technology
More results


Similar Description - IRFP3415

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3415S IRF-IRF3415S Datasheet
156Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF5N3415 IRF-IRF5N3415 Datasheet
117Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com