Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3515S Datasheet (PDF) - International Rectifier

IRF3515S Datasheet PDF - International Rectifier
Part # IRF3515S
Download  IRF3515S Download
File Size   126.81 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)

IRF3515S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3515S Datasheet PDF - International Rectifier

Part # IRF3515S
Download  IRF3515S Click to download

File Size   126.81 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)

IRF3515S Datasheet (HTML) - International Rectifier


IRF3515S Product details

Benefits
● Low Gate Charge Qg results in Simple Drive Requirement
● Improved Gate, Avalanche and dynamic dv/dt Ruggedness
● Fully Characterized Capacitance and Avalanche Voltage and Current
● Effective Coss Specified (See AN 1001)

Applications
● Switch Mode Power Supply (SMPS)
● Uninterruptible Power Supply
● High speed power switching




Similar Part No. - IRF3515S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3515SPBF IRF-IRF3515SPBF Datasheet
2Mb / 11P
HEXFET Power MOSFET
More results


Similar Description - IRF3515S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB52N15D IRF-IRFB52N15D Datasheet
134Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com