Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFRU4105 Datasheet (PDF) - International Rectifier

IRFRU4105 Datasheet PDF - International Rectifier
Part # IRFRU4105
Download  IRFRU4105 Download
File Size   144.58 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??

IRFRU4105 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFRU4105 Datasheet PDF - International Rectifier

Part # IRFRU4105
Download  IRFRU4105 Click to download

File Size   144.58 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??

IRFRU4105 Datasheet (HTML) - International Rectifier




Similar Part No. - IRFRU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
logo
Fairchild Semiconductor
IRFRU110A FAIRCHILD-IRFRU110A Datasheet
255Kb / 7P
Advanced Power MOSFET
logo
International Rectifier
IRFRU1205 IRF-IRFRU1205 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
logo
Fairchild Semiconductor
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
256Kb / 7P
Advanced Power MOSFET
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
258Kb / 7P
Advanced Power MOSFET
More results


Similar Description - IRFRU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com