Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB41N15D Datasheet (PDF) - International Rectifier

IRFB41N15D Datasheet PDF - International Rectifier
Part # IRFB41N15D
Download  IRFB41N15D Download
File Size   193.0 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)

IRFB41N15D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB41N15D Datasheet PDF - International Rectifier

Part # IRFB41N15D
Download  IRFB41N15D Click to download

File Size   193.0 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)

IRFB41N15D Datasheet (HTML) - International Rectifier


IRFB41N15D Product details

Benefits
● Low Gate-to-Drain Charge to Reduce
   Switching Losses
● Fully Characterized Capacitance Including
   Effective COSS to Simplify Design, (See
   App. Note AN1001)
● Fully Characterized Avalanche Voltage
   and Current

Applications
● High frequency DC-DC converters




Similar Part No. - IRFB41N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB41N15D IRF-IRFB41N15D Datasheet
268Kb / 12P
HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFB41N15D ISC-IRFB41N15D Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFB41N15DPBF IRF-IRFB41N15DPBF Datasheet
342Kb / 13P
HEXFET Power MOSFET
IRFB41N15DPBF IRF-IRFB41N15DPBF Datasheet
343Kb / 13P
High frequency DC-DC converters
logo
Infineon Technologies A...
IRFB41N15DPBF INFINEON-IRFB41N15DPBF Datasheet
714Kb / 13P
High frequency DC-DC converters
2017-04-27
More results


Similar Description - IRFB41N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB52N15D IRF-IRFB52N15D Datasheet
134Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com