Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1310S Datasheet (PDF) - International Rectifier

IRF1310S Datasheet PDF - International Rectifier
Part # IRF1310S
Download  IRF1310S Download
File Size   361.9 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)

IRF1310S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1310S Datasheet PDF - International Rectifier

Part # IRF1310S
Download  IRF1310S Click to download

File Size   361.9 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)

IRF1310S Datasheet (HTML) - International Rectifier


IRF1310S Product details

VDSS = 100V
RDS(on) = 0.04Ω
ID = 41A

Description
Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.

● Advanced Process Technology
● Ultra Low On-Resistance
● Surface Mount
● Available in Tape & Reel
● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● 175°C Operating Temperature




Similar Part No. - IRF1310S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Inchange Semiconductor ...
IRF1310N ISC-IRF1310N Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NL IRF-IRF1310NL Datasheet
156Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Kersemi Electronic Co.,...
IRF1310NL KERSEMI-IRF1310NL Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF1310NL ISC-IRF1310NL Datasheet
300Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - IRF1310S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRFIZ34N IRF-IRFIZ34N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com