Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIZ34N Datasheet (PDF) - International Rectifier

IRFIZ34N Datasheet PDF - International Rectifier
Part # IRFIZ34N
Download  IRFIZ34N Download
File Size   105.19 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)

IRFIZ34N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIZ34N Datasheet PDF - International Rectifier

Part # IRFIZ34N
Download  IRFIZ34N Click to download

File Size   105.19 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)

IRFIZ34N Datasheet (HTML) - International Rectifier


IRFIZ34N Product details

Through-Hole Packags

TO-220 FullPak (Fully Isolated)




Similar Part No. - IRFIZ34N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFIZ34N ISC-IRFIZ34N Datasheet
260Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFIZ34NPBF IRF-IRFIZ34NPBF Datasheet
270Kb / 9P
HEXFET짰 Power MOSFET
IRFIZ34NPBF IRF-IRFIZ34NPBF Datasheet
271Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRFIZ34NPBF IRF-IRFIZ34NPBF_15 Datasheet
271Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRFIZ34N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com