Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFL4105 Datasheet (PDF) - International Rectifier

IRFL4105 Datasheet PDF - International Rectifier
Part # IRFL4105
Download  IRFL4105 Download
File Size   168.77 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)

IRFL4105 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFL4105 Datasheet PDF - International Rectifier

Part # IRFL4105
Download  IRFL4105 Click to download

File Size   168.77 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)

IRFL4105 Datasheet (HTML) - International Rectifier


IRFL4105 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Surface Mount
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFL4105

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFL4105 KERSEMI-IRFL4105 Datasheet
827Kb / 9P
Ultra Low On-Resistance
logo
EVER SEMICONDUCTOR CO.,...
IRFL4105 EVVOSEMI-IRFL4105 Datasheet
577Kb / 6P
60V N-Channel IRFL4105
Rev:2023A2
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF Datasheet
158Kb / 9P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFL4105PBF VISHAY-IRFL4105PBF Datasheet
163Kb / 9P
Advanced Process Technology
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF Datasheet
163Kb / 9P
Advanced Process Technology
More results


Similar Description - IRFL4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1730G IRF-IRF1730G Datasheet
171Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A)
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com