Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460LC Datasheet (PDF) - International Rectifier

IRFP460LC Datasheet PDF - International Rectifier
Part # IRFP460LC
Download  IRFP460LC Download
File Size   338.84 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)

IRFP460LC Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP460LC Datasheet PDF - International Rectifier

Part # IRFP460LC
Download  IRFP460LC Click to download

File Size   338.84 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)

IRFP460LC Datasheet (HTML) - International Rectifier


IRFP460LC Product details

Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly lower gate charge over conventional MOSFETs. Utilizing advanced Hexfet technology the device improvements allow for reduced gate drive requirements, faster switching speeds and increased total system savings. These device improvements combined with the proven ruggedness and reliability of HEXFETs offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Ultra Low Gate Charge
● Reduced Gate Drive Requirement
● Enhanced 30V Vgs Rating
● Reduced Ciss, Coss, Crss
● Isolated Central Mounting Hole
● Dynamic dv/dt Rated
● Repetitive Avalanche Rated




Similar Part No. - IRFP460LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP460LC VISHAY-IRFP460LC Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP460LC ISC-IRFP460LC Datasheet
171Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP460LC VISHAY-IRFP460LC Datasheet
1Mb / 9P
Power MOSFET
28-Jul-08
IRFP460LC VISHAY-IRFP460LC Datasheet
383Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP460LCPBF IRF-IRFP460LCPBF Datasheet
181Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRFP460LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF460 IRF-IRF460 Datasheet
140Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
IRFI460 IRF-IRFI460 Datasheet
211Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460N IRF-IRFP460N Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com