Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460AS Datasheet (PDF) - International Rectifier

IRFP460AS Datasheet PDF - International Rectifier
Part # IRFP460AS
Download  IRFP460AS Download
File Size   115.74 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)

IRFP460AS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP460AS Datasheet PDF - International Rectifier

Part # IRFP460AS
Download  IRFP460AS Click to download

File Size   115.74 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)

IRFP460AS Datasheet (HTML) - International Rectifier


IRFP460AS Product details

Description
Third Generation HEXFET®s from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole. It also provides greater creepage distance between pins to meet the requirements of most safety specifications.
This plated and leadformed version of the TO-247 package allows the package to be surface mounted in an application.

Benefits
● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● Isolated Central Mounting Hole
● Fast Switching
● Ease of Paralleling
● Simple Drive Requirements
● Solder plated and leadformed for surface mounting

Applications
● SMPS, UPS, Welding and High Speed Power Switching




Similar Part No. - IRFP460AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
logo
Vishay Siliconix
IRFP460A VISHAY-IRFP460A Datasheet
144Kb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP460A ISC-IRFP460A Datasheet
369Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP460A VISHAY-IRFP460A Datasheet
212Kb / 10P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results


Similar Description - IRFP460AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460N IRF-IRFP460N Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com