Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIB7N50A Datasheet (PDF) - International Rectifier

IRFIB7N50A Datasheet PDF - International Rectifier
Part # IRFIB7N50A
Download  IRFIB7N50A Download
File Size   96.01 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)

IRFIB7N50A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIB7N50A Datasheet PDF - International Rectifier

Part # IRFIB7N50A
Download  IRFIB7N50A Click to download

File Size   96.01 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)

IRFIB7N50A Datasheet (HTML) - International Rectifier


IRFIB7N50A Product details

VDSS 500V
Rds(on) max 0.52Ω
ID 6.6A

Benefits
● Low Gate Charge Qg results in Simple Drive Requirement
● Improved Gate, Avalanche and dynamic dv/dt Ruggedness
● Fully Characterized Capacitance and Avalanche Voltage and Current
● Effective Coss specified ( See AN 1001)

Applications
● Switch Mode Power Supply ( SMPS )
● Uninterruptable Power Supply
● High speed power switching
● High Voltage Isolation = 2.5KVRMS‡




Similar Part No. - IRFIB7N50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB7N50A VISHAY-IRFIB7N50A Datasheet
163Kb / 8P
Power MOSFET
13-Apr-09
logo
Inchange Semiconductor ...
IRFIB7N50A ISC-IRFIB7N50A Datasheet
318Kb / 2P
iscN-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFIB7N50A ETC2-IRFIB7N50A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Vishay Siliconix
IRFIB7N50A VISHAY-IRFIB7N50A Datasheet
198Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFIB7N50APBF IRF-IRFIB7N50APBF Datasheet
194Kb / 8P
SMPS MOSFET
More results


Similar Description - IRFIB7N50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com