Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820AS Datasheet (PDF) - International Rectifier

IRF820AS Datasheet PDF - International Rectifier
Part # IRF820AS
Download  IRF820AS Download
File Size   133.58 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)

IRF820AS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF820AS Datasheet PDF - International Rectifier

Part # IRF820AS
Download  IRF820AS Click to download

File Size   133.58 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)

IRF820AS Datasheet (HTML) - International Rectifier


IRF820AS Product details

Applications

• Switch Mode Power Supply (SMPS)

• Uninterruptable Power Supply

• High speed power switching



Benefits

• Low Gate Charge Qg Results in Simple Drive Requirement

• Improved Gate, Avalanche and Dynamic dv/dt Ruggedness

• Fully Characterized Capacitance and Avalanche Voltage and Current

• Effective COSS specified (See AN 1001)



 




Similar Part No. - IRF820AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF820AS VISHAY-IRF820AS Datasheet
168Kb / 8P
Power MOSFET
02-Jun-08
IRF820AS VISHAY-IRF820AS Datasheet
242Kb / 11P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF820ASPBF IRF-IRF820ASPBF Datasheet
272Kb / 10P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRF820ASPBF VISHAY-IRF820ASPBF Datasheet
168Kb / 8P
Power MOSFET
02-Jun-08
IRF820ASPBF VISHAY-IRF820ASPBF Datasheet
242Kb / 11P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRF820AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF820A IRF-IRF820A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD420 IRF-IRFD420 Datasheet
468Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=0.37A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFR420 IRF-IRFR420 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com