Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR420 Datasheet (PDF) - International Rectifier

IRFR420 Datasheet PDF - International Rectifier
Part # IRFR420
Download  IRFR420 Download
File Size   170.89 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)

IRFR420 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR420 Datasheet PDF - International Rectifier

Part # IRFR420
Download  IRFR420 Click to download

File Size   170.89 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)

IRFR420 Datasheet (HTML) - International Rectifier


IRFR420 Product details

Description
Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effictiveness.
The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surcace mount applications.

● Dynamic dV/dt Rating
● Repetitive Avalanche Rated
● Surface Mount (IRFR420)
● Straight Lead (IRFU420)
● Available in Tape & Reel
● Fast Switching
● Ease of Paralleling




Similar Part No. - IRFR420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
Vishay Siliconix
IRFR420 VISHAY-IRFR420 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR420 KERSEMI-IRFR420 Datasheet
4Mb / 7P
Power MOSFET
IRFR420 KERSEMI-IRFR420 Datasheet
4Mb / 7P
Dynamic dV/dt Rating
IRFR420 KERSEMI-IRFR420 Datasheet
4Mb / 7P
Dynamic dV/dt Rating
More results


Similar Description - IRFR420

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF820A IRF-IRF820A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD420 IRF-IRFD420 Datasheet
468Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=0.37A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com