Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830AS Datasheet (PDF) - International Rectifier

IRF830AS Datasheet PDF - International Rectifier
Part # IRF830AS
Download  IRF830AS Download
File Size   155.1 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)

IRF830AS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF830AS Datasheet PDF - International Rectifier

Part # IRF830AS
Download  IRF830AS Click to download

File Size   155.1 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)

IRF830AS Datasheet (HTML) - International Rectifier


IRF830AS Product details

SMPS MOSFET

Benefits
● Low Gate Charge Qg Results in Simple
   Drive Requirement
● Improved Gate, Avalanche and Dynamic
   dv/dt Ruggedness
● Fully Characterized Capacitance and
   Avalanche Voltage and Current
● Effective Coss specified (See AN 1001)

Applications
● Switch Mode Power Supply ( SMPS )
● Uninterruptable Power Supply
● High Speed Power Switching




Similar Part No. - IRF830AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF830AS VISHAY-IRF830AS Datasheet
159Kb / 8P
Power MOSFET
16-Jun-08
IRF830AS VISHAY-IRF830AS Datasheet
242Kb / 10P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF830ASPBF IRF-IRF830ASPBF Datasheet
665Kb / 10P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF830ASPBF VISHAY-IRF830ASPBF Datasheet
159Kb / 8P
Power MOSFET
16-Jun-08
IRF830ASPBF VISHAY-IRF830ASPBF Datasheet
242Kb / 10P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRF830AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFR220N IRF-IRFR220N Datasheet
132Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=600mohm, Id=5.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com