Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830AS Datasheet(PDF) 1 Page - International Rectifier

Part # IRF830AS
Description  Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF830AS Datasheet(HTML) 1 Page - International Rectifier

  IRF830AS Datasheet HTML 1Page - International Rectifier IRF830AS Datasheet HTML 2Page - International Rectifier IRF830AS Datasheet HTML 3Page - International Rectifier IRF830AS Datasheet HTML 4Page - International Rectifier IRF830AS Datasheet HTML 5Page - International Rectifier IRF830AS Datasheet HTML 6Page - International Rectifier IRF830AS Datasheet HTML 7Page - International Rectifier IRF830AS Datasheet HTML 8Page - International Rectifier IRF830AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
5/4/00
IRF830AS/L
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptable Power Supply
l High Speed Power Switching
Benefits
Applications
l Low Gate Charge Qg Results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified (See AN 1001)
VDSS
RDS(on) max
ID
500V
1.40
Ω
5.0A
Typical SMPS Topologies:
l Two Transistor Forward
l Half Bridge and Full Bridge
PD- 92006A
Notes
 through … are on page 10
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
†
5.0
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
†
3.2
A
IDM
Pulsed Drain Current
†
20
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
74
Linear Derating Factor
0.59
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.3
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
D2Pak
TO-262


Similar Part No. - IRF830AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF830AS VISHAY-IRF830AS Datasheet
159Kb / 8P
Power MOSFET
16-Jun-08
IRF830AS VISHAY-IRF830AS Datasheet
242Kb / 10P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF830ASPBF IRF-IRF830ASPBF Datasheet
665Kb / 10P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF830ASPBF VISHAY-IRF830ASPBF Datasheet
159Kb / 8P
Power MOSFET
16-Jun-08
IRF830ASPBF VISHAY-IRF830ASPBF Datasheet
242Kb / 10P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRF830AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFR220N IRF-IRFR220N Datasheet
132Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=600mohm, Id=5.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com