Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460AS Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP460AS
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460AS Datasheet(HTML) 8 Page - International Rectifier

  IRFP460AS Datasheet HTML 1Page - International Rectifier IRFP460AS Datasheet HTML 2Page - International Rectifier IRFP460AS Datasheet HTML 3Page - International Rectifier IRFP460AS Datasheet HTML 4Page - International Rectifier IRFP460AS Datasheet HTML 5Page - International Rectifier IRFP460AS Datasheet HTML 6Page - International Rectifier IRFP460AS Datasheet HTML 7Page - International Rectifier IRFP460AS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP460AS
8
www.irf.com
SMD-247 Part Marking Information
SMD-247 Package Outline
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 20A, di/dt ≤ 125A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 4.3mH
RG = 25Ω, IAS = 20A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
2X R
Ø
A
0.25 [.010]
D B
0.25 [.010]
D C A
C
B
D
12
3
4
2.65 [.104]
2.15 [.085]
0.20 [.225] D
2X
0.25 [.010]
DB
0.95 [.037]
0.35 [.014]
2X
1. DIMENSIONING & T OLERANCING PER ASME Y14.5M-1994.
4. T O-247 S MD IS A MODIF IE D T O-247AC.
3. DIMENS IONS AR E SHOWN IN MILLIMET E RS [INCHE S].
2. CONT ROLLING DIMENSION: MILLIMET ER .
NOT E S:
3 - SOURCE
4 - DRAIN
MOSF ET
1 - GAT E
2 - DRAIN
3 - EMIT T ER
4 - COLLECT OR
2 - COLLECT OR
1 - GAT E
IGBT
LEAD AS SIGNMENT S
3.0 [.118]
MAX.
2.75 [.108]
2.25 [.089]
3.65 [.143]
3.55 [.140]
2X
5.45 [.215]
1.40 [.055]
1.00 [.040]
20.30 [.799]
19.70 [.776]
5.65 [.222]
4.65 [.183]
5.50 [.217]
0.80 [.031]
0.40 [.016]
4
2.50 [.099]
1.50 [.060]
5.30 [.208]
4.70 [.186]
13.70 [.539]
13.50 [.532]
16.20 [.637]
16.00 [.630]
15.90 [.625]
15.30 [.603]
5.70 [.224]
5.30 [.209]
DATE CODE
(YYWW)
YY = YEAR
WW = WEEK
PART NUMBER
ASSEMBLY LOT CODE 3A1Q
T HIS IS AN IRF P450S WITH
EXAMPLE:
LOT CODE
ASSEMBLY
3A1Q 9906
INTERNAT IONAL
IRFP450S
RECT IF IER
LOGO
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com