Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460AS Datasheet(PDF) 3 Page - International Rectifier

Part # IRFP460AS
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460AS Datasheet(HTML) 3 Page - International Rectifier

  IRFP460AS Datasheet HTML 1Page - International Rectifier IRFP460AS Datasheet HTML 2Page - International Rectifier IRFP460AS Datasheet HTML 3Page - International Rectifier IRFP460AS Datasheet HTML 4Page - International Rectifier IRFP460AS Datasheet HTML 5Page - International Rectifier IRFP460AS Datasheet HTML 6Page - International Rectifier IRFP460AS Datasheet HTML 7Page - International Rectifier IRFP460AS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP460AS
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
19A
20A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com