Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460AS Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP460AS
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460AS Datasheet(HTML) 1 Page - International Rectifier

  IRFP460AS Datasheet HTML 1Page - International Rectifier IRFP460AS Datasheet HTML 2Page - International Rectifier IRFP460AS Datasheet HTML 3Page - International Rectifier IRFP460AS Datasheet HTML 4Page - International Rectifier IRFP460AS Datasheet HTML 5Page - International Rectifier IRFP460AS Datasheet HTML 6Page - International Rectifier IRFP460AS Datasheet HTML 7Page - International Rectifier IRFP460AS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
01/17/01
IRFP460AS
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
Rds(on) max
ID
500V
0.27
20A
Typical SMPS Topologies:
l Full Bridge
l PFC Boost
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
20
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current

80
PD @TC = 25°C
Power Dissipation
280
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Notes
 through … are on page 8
SMD-247
l Dynamic dv/dt Rating
l Repetitive Avalanche Rated
l Isolated Central Mounting Hole
l Fast Switching
l Ease of Paralleling
l Simple Drive Requirements
l Solder plated and leadformed for surface mounting
Description
Third Generation HEXFET®s from International Rectifier provide the
designer with the best combination of fast switching, ruggedized
device design, low on-resistance and cost-effectiveness.
The TO-247 package is preferred for commercial-industrial
applications where higher power levels preclude the use of TO-220
devices. The TO-247 is similar but superior to the earlier TO-218
package because of its isolated mounting hole. It also provides
greater creepage distance between pins to meet the requirements of
most safety specifications.
This plated and leadformed version of the TO-247 package allows
the package to be surface mounted in an application.
Maximum Reflow Temperature
230 (Time above 183 °C
should not exceed 100s)
°C
Benefits
Applications
l SMPS, UPS, Welding and High Speed
Power Switching
PD-94011A


Similar Part No. - IRFP460AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
logo
Vishay Siliconix
IRFP460A VISHAY-IRFP460A Datasheet
144Kb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP460A ISC-IRFP460A Datasheet
369Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP460A VISHAY-IRFP460A Datasheet
212Kb / 10P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results

Similar Description - IRFP460AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460N IRF-IRFP460N Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com