Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I7520N Datasheet (PDF) - Taiwan Memory Technology

I7520N Datasheet PDF - Taiwan Memory Technology
Part # I7520N
Download  I7520N Download
File Size   20.76 Kbytes
Page   1 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 2.5Gbps Burst Mode Laser Driver & Post Amplifier

I7520N Datasheet (PDF)

Go To PDF Page Download Datasheet
I7520N Datasheet PDF - Taiwan Memory Technology

Part # I7520N
Download  I7520N Click to download

File Size   20.76 Kbytes
Page   1 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 2.5Gbps Burst Mode Laser Driver & Post Amplifier

I7520N Datasheet (HTML) - Taiwan Memory Technology


I7520N Product details

General Description
The i7520 is a combined burst mode laser driver and limiting amplifier for use within fiber optic modules for FTTx applications. Used with a low cost serial EEPROM or microcontroller it forms a complete PON diplexer silicon solution.
The transmit block includes a high frequency modulator and a bias current generator. The bias current can be controlled either by a fast settling APC loop or in open loop mode which uses a temperature lookup table.
The receiver includes a limiting amplifier with programmable bandwidth. A Signal Detect/Loss Off Signal function is implemented using the input signal modulation amplitude with user selectable threshold and hysteresis.
Operating with a 3.3V supply and rated from -40 to +85°C ambient, the i7520 is housed in a 32pin, 5x5mm, RoHS compliant, QFN package.

Features
● Burst-Mode common anode laser driver with up to 90mA modulation and 100mA bias current
● 4ns output switching in Burst Mode operation.
● Closed or open loop bias mode with temperature lookup table.
● Temperature compensated modulation current setting stored in look up table
● Limiting amplifier with programmable low pass filter and output swing
● Device settings stored in external 2k EEPROM or MCU
● Support TX-SD function
● Lock APC Loop in 1 burst signal
● Support SPI interface and I2C interface
● Integrate APD voltage control
● Full compliance with SFF8472 and SFP MSA

Applications
   GEPON/GPON ONU Transmitters
   Passive Optical Network (PON) Transmitters
   Fiber-to-the-Home(FTTH) and Fiber-to-the-Premises(FTTP) Broadband Access Systems




Similar Part No. - I7520N

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
More results


Similar Description - I7520N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
2.5Gbps Burst Mode Laser Driver with
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com