Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3656 Datasheet (PDF) - Maxim Integrated Products

MAX3656 Datasheet PDF - Maxim Integrated Products
Part # MAX3656
Download  MAX3656 Download
File Size   734.63 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 155Mbps to 2.5Gbps Burst-Mode Laser Driver

MAX3656 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3656 Datasheet PDF - Maxim Integrated Products

Part # MAX3656
Download  MAX3656 Click to download

File Size   734.63 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 155Mbps to 2.5Gbps Burst-Mode Laser Driver

MAX3656 Datasheet (HTML) - Maxim Integrated Products


MAX3656 Product details

General Description
The MAX3656 is a burst-mode laser driver that operates at data rates from 155Mbps up to 2.5Gbps. The laser driver accepts either positive-referenced emittercoupled logic (PECL) or current-mode logic (CML) data inputs and provides bias and modulation current for the laser diode. The device can switch the laser diode from a completely dark (off) condition to a full (on) condition (with proper bias and modulation currents) in less than 2ns. The MAX3656 incorporates DC-coupling between laser driver and laser diode and operates with a singlesupply voltage as low as +3.0V.

Features
♦ Multirate Operation from 155Mbps to 2.5Gbps
♦ Burst Enable/Disable Delay <2ns
♦ Burst On-Time of 576ns to Infinity
♦ Infinite Bias-Current Hold Time Between Bursts
♦ DC-Coupled Operation with Single +3.3V Power Supply
♦ 40mA Typical Supply Current
♦ Programmable Bias Current from 1mA to 70mA
♦ Programmable Modulation Current from 10mA to 85mA
♦ Automatic Average Power Control with Failure Monitor (No CAPC Capacitor Needed)
♦ APC Loop Initialization ≤3 Bursts

Applications
    Fiber-to-the-Home (FTTH) and Fiber-to-the-Business (FTTB) Broadband Access Systems
    Passive Optical Network (PON) Transmitters
    APON, EPON, and GPON Upstream Transmitters




Similar Part No. - MAX3656

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3656ETG MAXIM-MAX3656ETG Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656ETG+ MAXIM-MAX3656ETG+ Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
More results


Similar Description - MAX3656

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
2.5Gbps Burst Mode Laser Driver with
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX24001 MAXIM-MAX24001_V01 Datasheet
660Kb / 53P
2.5Gbps Tx Burst-Mode Laser Transceiver
2014
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com