Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFRU5305 Datasheet (PDF) - International Rectifier

IRFRU5305 Datasheet PDF - International Rectifier
Part # IRFRU5305
Download  IRFRU5305 Download
File Size   156.72 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)

IRFRU5305 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFRU5305 Datasheet PDF - International Rectifier

Part # IRFRU5305
Download  IRFRU5305 Click to download

File Size   156.72 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)

IRFRU5305 Datasheet (HTML) - International Rectifier




Similar Part No. - IRFRU5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
More results


Similar Description - IRFRU5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*)
IRF5Y5305CM IRF-IRF5Y5305CM Datasheet
108Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-18A*)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com